Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 103 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 103 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 99Page - Texas Instruments PCI1221 Datasheet HTML 100Page - Texas Instruments PCI1221 Datasheet HTML 101Page - Texas Instruments PCI1221 Datasheet HTML 102Page - Texas Instruments PCI1221 Datasheet HTML 103Page - Texas Instruments PCI1221 Datasheet HTML 104Page - Texas Instruments PCI1221 Datasheet HTML 105Page - Texas Instruments PCI1221 Datasheet HTML 106Page - Texas Instruments PCI1221 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 123 page
background image
103
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA memory window 0–4 page register
Bit
7
6
5
4
3
2
1
0
Name
ExCA memory window 0–4 page
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA memory window 0–4 page
Type:
Read/write
Offset:
CardBus socket address + 840h 841h, 842h, 843h, 844h
Default:
00h
Description: The upper eight bits of a 4-byte PCI memory address are compared to the contents of this
register when decoding addresses for 16-bit memory windows. Each window has its own
page register, all of which default to 00h. By programming this register to a nonzero value,
host software can locate 16-bit memory windows in any one of 256 16M-byte regions in the
4G-byte PCI address space. These registers are only accessible when the ExCA registers are
memory mapped, i.e., these registers can not be accessed using the index/data I/O scheme.
CardBus socket registers (functions 0 and 1)
The PCMCIA CardBus specification requires a CardBus socket controller to provide five 32-bit registers that
report and control socket-specific functions. The PCI1221 provides the CardBus socket/ExCA base address
register (PCI offset 10h) to locate these CardBus socket registers in PCI memory address space. Each socket
has a separate base address register for accessing the CardBus socket registers (see Figure 23). Table 52
gives the location of the socket registers in relation to the CardBus socket/ExCA base address.
The PCI1221 implements an additional register at offset 20h that provides power management control for the
socket.
CardBus Socket/ExCA Base Address
16-Bit Legacy-Mode Base Address
10h
44h
NOTE: The CardBus socket/ExCA base address mode register is separate for functions 0 and 1.
PCI1221 Configuration Registers
CardBus
Socket A
Registers
Host
Memory Space
00h
ExCA
Registers
Card A
20h
800h
844h
Offset
CardBus
Socket B
Registers
Host
Memory Space
00h
ExCA
Registers
Card B
20h
800h
844h
Offset
Offset
Figure 23. Accessing CardBus Socket Registers Through PCI Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com