Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 104 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 104 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 100Page - Texas Instruments PCI1221 Datasheet HTML 101Page - Texas Instruments PCI1221 Datasheet HTML 102Page - Texas Instruments PCI1221 Datasheet HTML 103Page - Texas Instruments PCI1221 Datasheet HTML 104Page - Texas Instruments PCI1221 Datasheet HTML 105Page - Texas Instruments PCI1221 Datasheet HTML 106Page - Texas Instruments PCI1221 Datasheet HTML 107Page - Texas Instruments PCI1221 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 123 page
background image
104
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 52. CardBus Socket Registers
REGISTER NAME
OFFSET
Socket event
00h
Socket mask
04h
Socket present state
08h
Socket force event
0Ch
Socket control
10h
Reserved
14h
Reserved
18h
Reserved
1Ch
Socket Power Management
20h
socket event register
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket event
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket event
Type
R
R
R
R
R
R
R
R
R
R
R
R
R/C
R/C
R/C
R/C
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Socket event
Type:
Read only, read/write, read/clear (see individual bit descriptions)
Offset:
CardBus socket address + 00h
Default:
0000 0000h
Description: The socket event register indicates a change in socket status has occurred. These bits do not
indicate what the change is, only that one has occurred. Software must read the socket
present state register for current status. Each bit in this register can be cleared by writing a 1 to
that bit. The bits in this register can be set to a 1 by software by writing a 1 to the corresponding
bit in the socket force event register. All bits in this register are cleared by PCI reset. They can
be immediately set again, if, when coming out of PC Card reset, the bridge finds the status
unchanged (i.e., CSTSCHG reasserted or card detect is still true). Software must clear this
register before enabling interrupts. If it is not cleared, when interrupts are enabled an interrupt
is generated (but not masked) based on any bit set. See Table 53 for a complete description of
the register contents.
Table 53. Socket Event Register
BIT
SIGNAL
TYPE
FUNCTION
31-4
RSVD
R
Reserved. Bits 31-4 are read only and return 0s when read.
3
PWREVENT
R/C
Power cycle. Bit 3 is set when the PCI1221 detects that the PWRCYCLE bit in the socket present-state
register has changed. This bit is cleared by writing a 1.
2
CD2EVENT
R/C
CCD2. Bit 2 is set when the PCI1221 detects that the CDETECT2 field in the socket present-state
register has changed. This bit is cleared by writing a 1.
1
CD1EVENT
R/C
CCD1. Bit 3 is set when the PCI1221 detects that the CDETECT1 field in the socket present-state
register has changed. This bit is cleared by writing a 1.
0
CSTSEVENT
R/C
CSTSCHG. Bit 0 is set when the CARDSTS field in the socket present-state register has changed state.
For CardBus cards, bit 0 is set on the rising edge of CSTSCHG. For 16-bit PC Cards, bit 0 is set on both
transitions of CSTSCHG. This bit is reset by writing a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com