Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 107 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 107 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 103Page - Texas Instruments PCI1221 Datasheet HTML 104Page - Texas Instruments PCI1221 Datasheet HTML 105Page - Texas Instruments PCI1221 Datasheet HTML 106Page - Texas Instruments PCI1221 Datasheet HTML 107Page - Texas Instruments PCI1221 Datasheet HTML 108Page - Texas Instruments PCI1221 Datasheet HTML 109Page - Texas Instruments PCI1221 Datasheet HTML 110Page - Texas Instruments PCI1221 Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 123 page
background image
107
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 55. Socket Present-State Register
BIT
SIGNAL
TYPE
FUNCTION
31
YVSOCKET
R
YV socket. Bit 31 indicates whether or not the socket can supply VCC = Y.Y V to PC Cards. The PCI1221
does not support Y.Y-V VCC; therefore, this bit is always reset unless overridden by the socket force event
register. This bit is hardwired to 0.
30
XVSOCKET
R
XV socket. Bit 30 indicates whether or not the socket can supply VCC = X.X V to PC Cards. The PCI1221
does not support X.X-V VCC; therefore, this bit is always reset unless overridden by the socket force
event register. This bit is hardwired to 0.
29
3VSOCKET
R
3-V socket. Bit 29 indicates whether or not the socket can supply VCC = 3.3 V to PC Cards. The PCI1221
does support 3.3-V VCC; therefore, this bit is always set unless overridden by the socket force event
register.
28
5VSOCKET
R
5-V socket. Bit 28 indicates whether or not the socket can supply VCC = 5 V to PC Cards. The PCI1221
does support 5-V VCC; therefore, this bit is always set unless overridden by the socket force event
register.
27-14
RSVD
R
Reserved. Bits 27-14 are read only and return 0s when read.
13
YVCARD
R
YV card. Bit 13 indicates whether or not the PC Card inserted in the socket supports VCC = Y.Y V.
12
XVCARD
R
XV card. Bit 12 indicates whether or not the PC Card inserted in the socket supports VCC = X.X V.
11
3VCARD
R
3-V card. Bit 11 indicates whether or not the PC Card inserted in the socket supports VCC = 3.3 V.
10
5VCARD
R
5-V card. Bit 10 indicates whether or not the PC Card inserted in the socket supports VCC = 5 V.
9
BADVCCREQ
R
Bad VCC request. Bit 9 indicates that the host software has requested that the socket be powered at an
invalid voltage.
0 = Normal operation (default)
1 = Invalid VCC request by host software
8
DATALOST
R
Data lost. Bit 8 indicates that a PC Card removal event may have caused lost data because the cycle
did not terminate properly or because write data still resides in the PCI1221.
0 = Normal operation (default)
1 = Potential data loss due to card removal
7
NOTACARD
R
Not a card. Bit 7 indicates that an unrecognizable PC Card has been inserted in the socket. This bit is
not updated until a valid PC Card is inserted into the socket.
0 = Normal operation (default)
1 = Unrecognizable PC Card detected
6
IREQCINT
R
READY(IREQ)//CINT. Bit 6 indicates the current status of READY(IREQ)//CINT at the PC Card
interface.
0 = READY(IREQ)//CINT low
1 = READY(IREQ)//CINT high
5
CBCARD
R
CardBus card detected. Bit 5 indicates that a CardBus PC Card is inserted in the socket. This bit is not
updated until another card interrogation sequence occurs (card insertion).
4
16BITCARD
R
16-bit card detected. Bit 4 indicates that a 16-bit PC Card is inserted in the socket. This bit is not updated
until another card interrogation sequence occurs (card insertion).
3
PWRCYCLE
R
Power cycle. Bit 3 indicates that the status of each card powering request. This bit is encoded as:
0 = Socket powered down (default)
1 = Socket powered up
2
CDETECT2
R
CCD2. Bit 2 reflects the current status of CCD2 at the PC Card interface. Changes to this signal during
card interrogation are not reflected here.
0 = CCD2 low (PC Card may be present)
1 = CCD2 high (PC Card not present)
1
CDETECT1
R
CCD1. Bit 1 reflects the current status of CCD1 at the PC Card interface. Changes to this signal during
card interrogation are not reflected here.
0 = CCD1 low (PC Card may be present)
1 = CCD1 high (PC Card not present)
0
CARDSTS
R
CSTSCHG. Bit 0 reflects the current status of CSTSCHG at the PC Card interface.
0 = CSTSCHG low
1 = CSTSCHG high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com