Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 109 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 109 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 105Page - Texas Instruments PCI1221 Datasheet HTML 106Page - Texas Instruments PCI1221 Datasheet HTML 107Page - Texas Instruments PCI1221 Datasheet HTML 108Page - Texas Instruments PCI1221 Datasheet HTML 109Page - Texas Instruments PCI1221 Datasheet HTML 110Page - Texas Instruments PCI1221 Datasheet HTML 111Page - Texas Instruments PCI1221 Datasheet HTML 112Page - Texas Instruments PCI1221 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 123 page
background image
109
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
socket control register
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket control
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket control
Type
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Socket control
Type:
Read only, read/write (see individual bit descriptions)
Offset:
CardBus socket address + 10h
Default:
0000 0000h
Description: The socket control register provides control of the voltages applied to the socket and
instructions for CB CLKRUN protocol. The PCI1221 ensures that the socket is powered up
only at acceptable voltages when a CardBus card is inserted. See Table 57 for a complete
description of the register contents.
Table 57. Socket Control Register
BIT
SIGNAL
TYPE
FUNCTION
31–8
RSVD
R
Reserved. Bits 31–8 are read only and return 0s when read.
7
STOPCLK
R/W
CB CLKRUN protocol instructions.
0 = CB CLKRUN protocol can only attempt to stop/slow the CB clock if the socket is idle and
the PCI CLKRUN protocol is preparing to stop/slow the PCI bus clock.
1 = CB CLKRUN protocol can attempt to stop/slow the CB clock if the socket is idle.
6-4
VCCCTRL
R/W
VCC control. Bits 6-4 are used to request card VCC changes.
000 = Request power off (default)
001 = Reserved
010 = Request VCC = 5 V
011 = Request VCC = 3.3 V
100 = Request VCC = X.X V
101 = Request VCC = Y.Y V
110 = Reserved
111 = Reserved
3
RSVD
R
Reserved. Bit 3 is read only and returns 0 when read.
2-0
VPPCTRL
R/W
VPP control. Bits 2-0 are used to request card VPP changes.
000 = Request power off (default)
001 = Request VPP = 12 V
010 = Request VPP = 5 V
011 = Request VPP = 3.3 V
100 = Request VPP = X.X V
101 = Request VPP = Y.Y V
110 = Reserved
111 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com