Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 113 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 113 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 109Page - Texas Instruments PCI1221 Datasheet HTML 110Page - Texas Instruments PCI1221 Datasheet HTML 111Page - Texas Instruments PCI1221 Datasheet HTML 112Page - Texas Instruments PCI1221 Datasheet HTML 113Page - Texas Instruments PCI1221 Datasheet HTML 114Page - Texas Instruments PCI1221 Datasheet HTML 115Page - Texas Instruments PCI1221 Datasheet HTML 116Page - Texas Instruments PCI1221 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 123 page
background image
113
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
PINS
OPERATION
TEST CONDITIONS
MIN
MAX
UNIT
PCI
3.3 V
IOH = –0.5 mA
0.9 VCC
PCI
5 V
IOH = –2 mA
2.4
VOH
High-level output voltage
PC Card
3.3 V
IOH = –0.15 mA
0.9 VCC
V
PC Card
5 V
IOH = –0.15 mA
2.4
MISC
IOH =4 mA
VCC 06
MISC
IOH = –4 mA
VCC–0.6
PCI
3.3 V
IOL = 1.5 mA
0.1 VCC
PCI
5 V
IOL = 6 mA
0.55
VOL
Low level output voltage
PC Card
3.3 V
IOL = 0.7 mA
0.1 VCC
V
VOL
Low-level output voltage
PC Card
5 V
IOL = 0.7 mA
0.55
V
MISC
IOL = 4 mA
0.5
SERR
IOL = 12 mA
0.5
IOZL
3-state, high-impedance low-level
Output pins
3.6 V
VI = VCC
–1
µA
IOZL
,g
output current
Output pins
5.25 V
VI = VCC
–1
µA
IOZH
3-state, high-impedance high-level
Output pins
3.6 V
VI = VCC†
10
µA
IOZH
,g
g
output current
Output pins
5.25 V
VI = VCC†
25
µA
I
Lo
le el inp t c rrent
Input pins
VI = GND
–1
A
IIL
Low-level input current
I/O pins
VI = GND
–10
µA
Input pins
3.6 V
VI = VCC‡
10
Input pins
5.25 V
VI = VCC‡
20
IIH
High-level input current
I/O pins
3.6 V
VI = VCC‡
10
µA
I/O pins
5.25 V
VI = VCC‡
25
Fail-safe pins
3.6 V
VI = VCC
10
† For PCI pins, VI = VCCP. For PC Card pins, VI = VCC(A/B). For miscellaneous pins, VI = VCCI
‡ For I/O pins, input leakage (IIL and IIH) includes IOZ leakage of the disabled output.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com