Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 114 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 114 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 110Page - Texas Instruments PCI1221 Datasheet HTML 111Page - Texas Instruments PCI1221 Datasheet HTML 112Page - Texas Instruments PCI1221 Datasheet HTML 113Page - Texas Instruments PCI1221 Datasheet HTML 114Page - Texas Instruments PCI1221 Datasheet HTML 115Page - Texas Instruments PCI1221 Datasheet HTML 116Page - Texas Instruments PCI1221 Datasheet HTML 117Page - Texas Instruments PCI1221 Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 123 page
background image
114
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCI clock/reset timing requirements over recommended ranges of supply voltage and operating
free-air temperature (see Figure 25 and Figure 26)
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
tc
Cycle time, PCLK
tcyc
30
ns
twH
Pulse duration (width), PCLK high
thigh
11
ns
twL
Pulse duration (width), PCLK low
tlow
11
ns
∆v/∆t
Slew rate, PCLK
tr, tf
1
4
V/ns
tw
Pulse duration (width), RSTIN
trst
1
ms
tsu
Setup time, PCLK active at end of RSTIN
trst-clk
100
ms
PCI timing requirements over recommended ranges of supply voltage and operating free-air
temperature (see Note 4 and Figure 24 and Figure 27)
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
t d
Propagation delay time,
PCLK-to-shared signal
valid delay time
tval
CL = 50 pF,
11
ns
tpd
gy
,
See Note 5
PCLK-to-shared signal
invalid delay time
tinv
L
,
See Note 5
2
ns
ten
Enable time, high impedance-to-active delay time from PCLK
ton
2
ns
tdis
Disable time, active-to-high impedance delay time from PCLK
toff
28
ns
tsu
Setup time before PCLK valid
tsu
7
ns
th
Hold time after PCLK high
th
0
ns
NOTES:
4. This data sheet uses the following conventions to describe time ( t ) intervals. The format is tA, where subscript A indicates the type
of dynamic parameter being represented. One of the following is used: tpd = propagation delay time, td = delay time, tsu = setup time,
and th = hold time.
5. PCI shared signals are AD31–0, C/BE3–0, FRAME, TRDY, IRDY, STOP, IDSEL, DEVSEL, and PAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com