Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 105 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 105 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 101Page - Texas Instruments PCI1221 Datasheet HTML 102Page - Texas Instruments PCI1221 Datasheet HTML 103Page - Texas Instruments PCI1221 Datasheet HTML 104Page - Texas Instruments PCI1221 Datasheet HTML 105Page - Texas Instruments PCI1221 Datasheet HTML 106Page - Texas Instruments PCI1221 Datasheet HTML 107Page - Texas Instruments PCI1221 Datasheet HTML 108Page - Texas Instruments PCI1221 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 123 page
background image
105
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
socket mask register
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Socket mask
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Socket mask
Type
R
R
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Socket mask
Type:
Read only, read/write (see individual bit descriptions)
Offset:
CardBus socket address + 04h
Default:
0000 0000h
Description: The socket mask register allows software to control the CardBus card events that generate a
status change interrupt. The state of these mask bits does not prevent the corresponding bits
from reacting in the socket event register. See Table 54 for a complete description of the
register contents.
Table 54. Socket Mask Register
BIT
SIGNAL
TYPE
FUNCTION
31-4
RSVD
R
Reserved. Bits 31-4 are read only and return 0s when read.
3
PWRMASK
R/W
Power cycle. Bit 3 masks the PWRCYCLE bit in the socket present state register from causing a status
change interrupt.
0 = PWRCYCLE event does not cause CSC interrupt (default).
1 = PWRCYCLE event causes CSC interrupt.
2-1
CDMASK
R/W
Card detect mask. Bits 2-1 mask the CDETECT1 and CDETECT2 bits in the socket present-state register
from causing a CSC interrupt.
00 = Insertion/removal does not cause CSC interrupt (default).
01 = Reserved (undefined)
10 = Reserved (undefined)
11 = Insertion/removal causes CSC interrupt.
0
CSTSMASK
R/W
CSTSCHG mask. Bit 0 masks the CARDSTS field in the socket present-state register from causing a CSC
interrupt.
0 = CARDSTS event does not cause CSC interrupt (default).
1 = CARDSTS event causes CSC interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com