Electronic Components Datasheet Search
  English  ▼

X  

EP2S15 Datasheet(PDF) 52 Page - Altera Corporation

Part # EP2S15
Description  Stratix II Device Family
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S15 Datasheet(HTML) 52 Page - Altera Corporation

Back Button EP2S15 Datasheet HTML 48Page - Altera Corporation EP2S15 Datasheet HTML 49Page - Altera Corporation EP2S15 Datasheet HTML 50Page - Altera Corporation EP2S15 Datasheet HTML 51Page - Altera Corporation EP2S15 Datasheet HTML 52Page - Altera Corporation EP2S15 Datasheet HTML 53Page - Altera Corporation EP2S15 Datasheet HTML 54Page - Altera Corporation EP2S15 Datasheet HTML 55Page - Altera Corporation EP2S15 Datasheet HTML 56Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 238 page
background image
2–44
Altera Corporation
Stratix II Device Handbook, Volume 1
May 2007
Digital Signal Processing Block
Modes of Operation
The adder, subtractor, and accumulate functions of a DSP block have four
modes of operation:
■
Simple multiplier
■
Multiply-accumulator
■
Two-multipliers adder
■
Four-multipliers adder
Table 2–6 shows the different number of multipliers possible in each DSP
block mode according to size. These modes allow the DSP blocks to
implement numerous applications for DSP including FFTs, complex FIR,
FIR, and 2D FIR filters, equalizers, IIR, correlators, matrix multiplication
and many other functions. The DSP blocks also support mixed modes
and mixed multiplier sizes in the same block. For example, half of one
DSP block can implement one 18 × 18-bit multiplier in multiply-
accumulator mode, while the other half of the DSP block implements four
9 × 9-bit multipliers in simple multiplier mode.
DSP Block Interface
Stratix II device DSP block input registers can generate a shift register that
can cascade down in the same DSP block column. Dedicated connections
between DSP blocks provide fast connections between the shift register
inputs to cascade the shift register chains. You can cascade registers
within multiple DSP blocks for 9 × 9- or 18 × 18-bit FIR filters larger than
four taps, with additional adder stages implemented in ALMs. If the DSP
block is configured as 36 × 36 bits, the adder, subtractor, or accumulator
stages are implemented in ALMs. Each DSP block can route the shift
register chain out of the block to cascade multiple columns of DSP blocks.
Table 2–6. Multiplier Size & Configurations per DSP Block
DSP Block Mode
9 × 9
18 × 18
36 × 36
Multiplier
Eight multipliers with
eight product outputs
Four multipliers with four
product outputs
One multiplier with one
product output
Multiply-accumulator
-
Two 52-bit multiply-
accumulate blocks
-
Two-multipliers adder
Four two-multiplier adder
(two 9 × 9 complex
multiply)
Two two-multiplier adder
(one 18 × 18 complex
multiply)
-
Four-multipliers adder
Two four-multiplier adder
One four-multiplier adder
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com