Electronic Components Datasheet Search
  English  ▼

X  

EP2S15 Datasheet(PDF) 36 Page - Altera Corporation

Part # EP2S15
Description  Stratix II Device Family
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S15 Datasheet(HTML) 36 Page - Altera Corporation

Back Button EP2S15 Datasheet HTML 32Page - Altera Corporation EP2S15 Datasheet HTML 33Page - Altera Corporation EP2S15 Datasheet HTML 34Page - Altera Corporation EP2S15 Datasheet HTML 35Page - Altera Corporation EP2S15 Datasheet HTML 36Page - Altera Corporation EP2S15 Datasheet HTML 37Page - Altera Corporation EP2S15 Datasheet HTML 38Page - Altera Corporation EP2S15 Datasheet HTML 39Page - Altera Corporation EP2S15 Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 238 page
background image
2–28
Altera Corporation
Stratix II Device Handbook, Volume 1
May 2007
TriMatrix Memory
TriMatrix
Memory
TriMatrix memory consists of three types of RAM blocks: M512, M4K,
and M-RAM. Although these memory blocks are different, they can all
implement various types of memory with or without parity, including
true dual-port, simple dual-port, and single-port RAM, ROM, and FIFO
buffers. Table 2–3 shows the size and features of the different RAM
blocks.
Column IOE
vv v
Row IOE
vvvv
Table 2–2. Stratix II Device Routing Scheme (Part 2 of 2)
Source
Destination
Table 2–3. TriMatrix Memory Features (Part 1 of 2)
Memory Feature
M512 RAM Block
(32 × 18 Bits)
M4K RAM Block
(128 × 36 Bits)
M-RAM Block
(4K × 144 Bits)
Maximum performance
500 MHz
550 MHz
420 MHz
True dual-port memory
vv
Simple dual-port memory
vvv
Single-port memory
vvv
Shift register
vv
ROM
vv
(1)
FIFO buffer
vvv
Pack mode
vv
Byte enable
vvv
Address clock enable
vv
Parity bits
vvv
Mixed clock mode
vvv
Memory initialization (.mif)
vv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com