Electronic Components Datasheet Search
  English  ▼

X  

EP2S15 Datasheet(PDF) 89 Page - Altera Corporation

Part # EP2S15
Description  Stratix II Device Family
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S15 Datasheet(HTML) 89 Page - Altera Corporation

Back Button EP2S15 Datasheet HTML 85Page - Altera Corporation EP2S15 Datasheet HTML 86Page - Altera Corporation EP2S15 Datasheet HTML 87Page - Altera Corporation EP2S15 Datasheet HTML 88Page - Altera Corporation EP2S15 Datasheet HTML 89Page - Altera Corporation EP2S15 Datasheet HTML 90Page - Altera Corporation EP2S15 Datasheet HTML 91Page - Altera Corporation EP2S15 Datasheet HTML 92Page - Altera Corporation EP2S15 Datasheet HTML 93Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 238 page
background image
Altera Corporation
2–81
May 2007
Stratix II Device Handbook, Volume 1
Stratix II Architecture
Figure 2–55. Output TIming Diagram in DDR Mode
The Stratix II IOE operates in bidirectional DDR mode by combining the
DDR input and DDR output configurations. The negative-edge-clocked
OE register holds the OE signal inactive until the falling edge of the clock.
This is done to meet DDR SDRAM timing requirements.
External RAM Interfacing
In addition to the six I/O registers in each IOE, Stratix II devices also have
dedicated phase-shift circuitry for interfacing with external memory
interfaces. Stratix II devices support DDR and DDR2 SDRAM, QDR II
SRAM, RLDRAM II, and SDR SDRAM memory interfaces. In every
Stratix II device, the I/O banks at the top (banks 3 and 4) and bottom
(banks 7 and 8) of the device support DQ and DQS signals with DQ bus
modes of ×4, ×8/×9, ×16/×18, or ×32/×36. Table 2–14 shows the number
of DQ and DQS buses that are supported per device.
From Internal
Registers
DDR output
CLK
B1
A1
B2
A2
B3
A3
B4
A4
A2
A1
A3
A4
B1
B2
B3
B4
Table 2–14. DQS & DQ Bus Mode Support (Part 1 of 2)
Note (1)
Device
Package
Number of
×4 Groups
Number of
×8/×9 Groups
Number of
×16/×18 Groups
Number of
×32/×36 Groups
EP2S15
484-pin FineLine BGA
8
4
0
0
672-pin FineLine BGA
18
8
4
0
EP2S30
484-pin FineLine BGA
8
4
0
0
672-pin FineLine BGA
18
8
4
0
EP2S60
484-pin FineLine BGA
8
4
0
0
672-pin FineLine BGA
18
8
4
0
1,020-pin FineLine BGA
36
18
8
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com