Electronic Components Datasheet Search
  English  ▼

X  

EP2S15 Datasheet(PDF) 81 Page - Altera Corporation

Part # EP2S15
Description  Stratix II Device Family
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2S15 Datasheet(HTML) 81 Page - Altera Corporation

Back Button EP2S15 Datasheet HTML 77Page - Altera Corporation EP2S15 Datasheet HTML 78Page - Altera Corporation EP2S15 Datasheet HTML 79Page - Altera Corporation EP2S15 Datasheet HTML 80Page - Altera Corporation EP2S15 Datasheet HTML 81Page - Altera Corporation EP2S15 Datasheet HTML 82Page - Altera Corporation EP2S15 Datasheet HTML 83Page - Altera Corporation EP2S15 Datasheet HTML 84Page - Altera Corporation EP2S15 Datasheet HTML 85Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 238 page
background image
Altera Corporation
2–73
May 2007
Stratix II Device Handbook, Volume 1
Stratix II Architecture
Figure 2–48. Column I/O Block Connection to the Interconnect
Note (1)
Note to Figure 2–48:
(1)
The 32 data and control signals consist of eight data out lines: four lines each for DDR applications
io_dataouta[3..0]
and io_dataoutb[3..0], four output enables io_oe[3..0], four input clock enables
io_ce_in[3..0]
, four output clock enables io_ce_out[3..0], four clocks io_clk[3..0], four asynchronous
clear and preset signals io_aclr/apreset[3..0], and four synchronous clear and preset signals
io_sclr/spreset[3..0]
.
32 Data &
Control Signals
from Logic Array (1)
Vertical I/O
Block Contains
up to Four IOEs
I/O Block
Local Interconnect
IO_dataina[3:0]
IO_datainb[3:0]
R4 & R24
Interconnects
LAB Local
Interconnect
C4 & C16
Interconnects
32
LAB
LAB
LAB
io_clk[7..0]
Vertical I/O Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com