Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 75 page
background image
ST2202A
Ver 2.5
32/75
9/16/2008
1
14
4.. P
PS
SG
G
14.1 Function description
The built-in dual channel Programmable Sound Generator
(PSG) is controlled by register file directly. Its flexibility makes it
useful in applications such as music synthesis, sound effects
generation, audible alarms and tone signaling. In order to
generate sound effects while allowing the processor to perform
other tasks, the PSG can continue to produce sound after the
initial commands have been given by the CPU. The structure of
PSG was shown in FIGURE 14-2 and the PSG clock source is
shown in FIGURE 14-1. The ST2202 has three PSG playing
type. One for channel0(C0) & channel1(C1) square type tone
sound playing. Second for ch0 square tone sound and ch1
noise sound. The third sound playing type is DAC PCM playing.
RC
OSCX
PSGC[6~4]
IN0
IN1
Output
Select
PSG Selector
PSGCK
PSGC
SYSCK/2
PSGCK
SYSCK/4
SYSCK/8
SYSCK/16
SYSCK
OSCX
B6
B5
B4
0
0
0
X
X
0
1
1
1
1
1
1
1
0
1
0
0
0
FIGURE 14-1 PSG Clock Source Control
Enable Output
Enable
LOAD
Output
MUX2
IN0
IN1
OUTPUT
SEL
MUX2
IN0
IN1
OUTPUT
SEL
MUX2
IN0
IN1
OUTPUT
SEL
MIXER
CH1
Output
Vol_CH1
DACE
C1TEN
C1Tone
C1out
DACE
PSGC[2]
C1NEN
C1Noise
PSGC[3]
PSG0
C1out
VOL[1~0]
PSG1
BD
BDB
DACE
To Port B
From DAC Generator
Channel 1 Tone
Channel 1 Noise
Preload Data Before First Count
FIGURE 14-2 PSG Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com