Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 75 page
background image
ST2202A
Ver 2.5
22/75
9/16/2008
OSCK
SYSCK
OSC
OSTP(SYS[6])
OUT
OSCX
XSTP(SYS[5])
OUT
SEL
WSKP(SYS[3])
CLK32
MUX2
IN0
IN1
XBAK(SYS[4])
Heavy
XSEL(SYS[7])
Warm-up control
256 cycles
16 cycles
Normal
EN
EN
‧
‧
‧
LCDCK
LCDCK
Divider
LCKR[4:0]
IN
OUT
OSCK,OSCK/2/4…/30
OSCK, CLK32
XSEL(SYS[7])
INA
OUT
INB
PSGCK
Divider
PSGC[6:4]
‧
PSGCK
‧
OSCKx2,OSCK/2/4/8/16
CLK32
BGR
÷N
Integer
Divider
BGRCK
IN
REF
Target
BDIV[7:0]
BSR[7:0] / BCTR[2:0]
IN
OUT
OUT
CLK32xK
‧
SPICK
SPICK
Divider
SCKR[6:4]
IN
OUT
OSCK/2/4/8…/256
FIGURE 11-1 Clock Generator Diagram
TABLE 11-2 System Control Register (SYS)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R
XSEL
OSTP
XSTP
WSKP
WAIT
IRREN
HIGH
0000 0001
$030
SYS
W
XSEL
OSTP
XSTP
-
WSKP
WAIT
IRREN
LVDEN
0000 0000
Bit 7:
XSEL : Write: Select source of system clock (SYSCK) / Read: report of clock source being used
0 = OSC
1 = OSCX
Bit 6:
OSTP : OSC stop control bit
0 = Enable OSC
1 = Disable OSC
Bit 5:
XSTP : OSCX stop control bit
0 = Enable OSCX
1 = Disable OSCX
Bit 4:
No used : Please keep this bit “0”.
Bit 3:
WSKP : System warm-up cycles selection bit
0 = 256 warm-up cycles
1 = 16 warm-up cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com