Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 73 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 73 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 75Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
ROM CODE CHECKLIST
Ver 2.5
73/75
9/16/2008
Project Name
DATE:
ITEM
CHECK
NOTE
1. Check the resistor of R-OSC matches the desired frequency and VCC
2. Check and use the updated version of data sheet
3. After power on, enter wait-1 mode for 1.5 second before normal operation
4. After starting operation, switch OSCX to normal load mode
5. Initialize user RAM and every related control register
6.
Confirm VOP, contrast level, duty, bias, frame rate, alternating rate and the display
quality of LCD
7.
Before entering power down mode, turn off unused peripheral such as LCD
controller, PSG, and LVD
8.
Confirm I/O direction, default state, and function enable bits. Enable pull-up for
unused input pins
9.
Read from an input port after the signals are stable. Ex. when doing key scan,
delay 12 us from a new scan value then read the return lines.
10.
If an input connects to VCC or GND directly, make sure to remove any DC current
from internal pull-up/down resistor after the status is being read.
11.
Do not use bit instructions to registers that are read-only, write-only or have
different functions for read and write.
12. Disable unused functions and reserve “RTI” instruction for unused interrupt vectors
13. Check stack memory is limited within 256 bytes.
14. Design a test mode to check every possible function
15.
Use a ST2202 real chip, together with the emulation mode, to development the
whole system. Test and verify every condition
16.
Settings of Port-L for LCD control signals must include lines below:
:
STZ
<PL
LDA
#FFh
STA
<PCL
:
17.
If high frequency was optioned to crystal mode (not RC oscillator), system clock need to be
switched to low frequency (32768Hz) before into WAI1 mode.
Example:
smb7
<SYS
;; Change to OSCX
bbr7
<SYS,$
;; Wait OSCX stable.
smb6
<SYS
;; OSC OFF
Engineer
Manager



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com