Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 53 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 53 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 57Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 75 page
background image
ST2202A
Ver 2.5
53/75
9/16/2008
pins also interface to standard RS-232 and infrared
transceiver modules.
18.4 UART Control/Status Registers
18.4.1 UART Control Register
TABLE 18-2 UART Control Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$060
UCTR
R/W
-
-
-
-
PEN
PMOD
UMOD
BRK
- - - - 0000
Bit 3:
PEN : Parity control bit
0 = Disable parity
1 = Enable parity
Bit 2:
PMOD : Parity mode selection bit
0 = Even parity
1 = Odd parity
Bit 1:
UMOD : 7-/8- bit mode selection bit
0 = 7- bit mode (the received data bit 7 will be set to zero)
1 = 8-bit mode
Bit 0:
BRK : Break character
0 = Normal character
1 = Transmit break character
18.4.2 UART Status Control Register
TABLE 18-3 UART Status Control Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R
-
FER
PER
OER
RXBZ
RXEN
TXBZ
TXEN
-000 0000
$061
USTR
W
-
-
-
-
RXTRG
RXEN
TXTRG
TXEN
- - - - 0000
Bit 6:
FER : Received data frame error status bit
0 = Current received data is normal
1 = Frame error occurs
Bit 5:
PER : Parity error status bit
0 = Current received data is normal
1 = Parity error occurs
Bit 4:
OER : Overrun error status bit
0 = Current received data is normal
1 = Overrun occurs
Bit 3:
RXBZ : Receiver busy bit
0 = Receiver is not busy
1 = Receiver is busy
Bit 2:
RXEN : Receiver control bit
0 = Receiver is disabled
1 = Receiver is enabled
Bit 1:
TXBZ : Transmitter busy bit
0 = Transmitter is not busy
1 = Transmitter is busy
Bit 0:
TXEN : Transmitter control bit
0 = Transmitter is disabled
1 = Transmitter is enabled
Bit 3:
RXTRG : Receiver trigger bit
Writing “1” to make receiver to be ready for next
data
Bit 1:
TXTRG : Transmitter trigger bit
Writing “1” to trigger the transmitter to start
transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com