Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 65 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 65 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 69Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 75 page
background image
ST2202A
Ver 2.5
65/75
9/16/2008
2
23
3.. E
EL
LE
EC
CT
TR
RIIC
CA
AL
L C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
23.1 Absolute Maximum Rations
DC Supply Voltage -------------------------------
-0.3V to +6V
Operating Ambient Temperature ----------
-10°C to +60°C
Storage Temperature ------------------------ -10°C to +125°C
23.2 DC Electrical Characteristics
Standard operation conditions: VCC = 3.0V, GND = 0V, TA = 25°C, OSC = 2M Hz, unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Operating Voltage
VCC
2.4
5.5
V
Operating Frequency
F1
3.0
MHz
VCC = 2.4V ~ 5.5V
Operating Frequency
F2
4.0
MHz
VCC = 2.7 ~ 5.5V
Operating Current
IOP
770
1100
µA
All I/O port are input and pull-up, execute NOP
instruction, LCDC on
Standby Current
ISB0
210
330
µA
All I/O port are input and pull-up, OSCX on, LCDC on
(WAIT0 mode)
CP=2MHz
Standby Current
ISB1
1.2
µA
All I/O port are input and pull-up, OSCX on, LCDC off
(WAIT1 mode)
Input High Voltage
VIH
0.7Vcc
Vcc+0.3
V
Port-A/B/C/D/E/L
0.85Vcc
V
RESET
Input Low Voltage
VIL
GND-0.3
0.3Vcc
V
Port-A/B/C/D/E/L
0.15Vccc
V
RESET
Pull-up resistance
RIH
240
245
250
KΩ
Port-A/B/C/D/E/L (input Voltage=0.7VCC)
Output high voltage
VOH1
0.7Vcc
V
Port-A/B/C/D/L (IOH=-3.5mA)
Output high voltage
VOH1
0.7Vcc
V
Port-B
(IOH=-5.5mA)
Output low voltage
VOL1
0.3Vcc
V
Port-A/B/C/D/E/L (IOL=7.5mA)
Output high voltage
VOH2
0.7Vcc
V
PSG/DAC, IOH = -30mA.
Output low voltage
VOL2
0.3Vcc
V
PSG/DAC, IOL = 70mA.
Low voltage detector
active level
VLVD
2.4
2.55
2.7
V
Low voltage detector
current
Ilvdet
127
uA
*Notice: Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. All the
ranges are stress ratings only. Functional operation of this
device at these or any other conditions above those indicated
in the operational sections of this specification is not implied or
intended. Exposed to the absolute maximum rating conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com