Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 33 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 33 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 37Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
ST2202A
Ver 2.5
33/75
9/16/2008
TABLE 14-1 Summary Of PSG Registers
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$010
PSG0L
W
PSG0[7] PSG0[6] PSG0[5] PSG0[4] PSG0[3]
PSG0[2] PSG0[1] PSG0[0]
0000 0000
$011
PSG0H
W
-
-
-
-
PSG0[11] PSG0[10] PSG0[9] PSG0[8]
- - - - 0000
$012
PSG1L
W
PSG1[7] PSG1[6] PSG1[5] PSG1[4] PSG1[3]
PSG1[2] PSG1[1] PSG1[0]
0000 0000
$013
PSG1H
W
-
-
-
-
PSG1[11] PSG1[10] PSG1[9] PSG1[8]
- - - - 0000
W
-
PCK[2]
PCK[1]
PCK[0]
PRBS
C1EN
C0EN
DACE=0
- 000 0000
$016
PSGC
W
-
PCK[2]
PCK[1]
PCK[0]
DMD[1]
DMD[0]
INH
DACE=1
- 000 0000
$017
VOL
W
VOL1[3] VOL1[2] VOL1[1] VOL1[0] VOL0[3]
VOL0[2]
VOL0[1] VOL0[0]
0000 0000
TABLE 14-2 PSG Volume Control Register (VOL)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$017
VOL
W
VOL1[3] VOL1[2] VOL1[1] VOL1[0] VOL0[3] VOL0[2] VOL0[1] VOL0[0]
0000 0000
Bit 3~0:
VOL0[3~0] : PSG channel 0 volume control bit
0000 = No sound output
0001 = 1/16 volume
(PSGCK must >= 320K Hz)
:
0100 = 4/16 volume
:
1000 = 8/16 volume
:
1111 = Maximum volume
(PSGCK must >= 20K Hz)
Bit 7~4:
VOL1[3~0] : PSG channel 1 volume control bit
0000 = No sound output
0001 = 1/16 volume
(PSGCK must >= 320K Hz)
:
0100 = 4/16 volume
:
1000 = 8/16 volume
:
1111 = Maximum volume
(PSGCK must >= 20K Hz)
Note: If single channel is enable, then PSG volume control can be double. (16
+ 16 = 32 level volume control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com