Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 75 page
background image
ST2202A
Ver 2.5
63/75
9/16/2008
2
22
2.. L
LO
OW
W V
VO
OL
LT
TA
AG
GE
E D
DE
ET
TE
EC
CT
TO
OR
R
ST2202 has a built-in low voltage detector for power
management. The typical active level of voltage detection is
2.6V. When LVDEN (SYS[0]) is set, detector circuit is
enabled and the detection result will be outputted at the
same bit after 3 µs. Using read instruction twice can get this
result: first read will enable initial stableness control.
Second read equal '0' represents 'low voltage'. Once low
voltage detector is enabled, it keeps on consuming power.
So it is important that remember to write “0” to LVDET to
disable the detector after detection is completed. One
sample program is shown below:
Start:
SMB0
<SYS
; enable detector
:
Wait 3 µ
µ
µ
µs
:
SEC
BBS0
<SYS,$+3
BBS0
<SYS,Normal_Voltage
Low_Voltage:
CLC
Normal_Voltage:
RMB0
<SYS
; disable detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com