Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
ST2202A
Ver 2.5
23/75
9/16/2008
TABLE 11-3 LCD Clock Control Register (LCKR)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$048
LCKR
W
-
-
-
LMOD
LCK[3]
LCK[2]
LCK[1]
LCK[0]
- - -0 0000
Bit 4:
LMOD : LCD data bus mode selection
0 = 1-bit mode
1 = 4-bit mode
Bit 3~0: LCKR[3:0] : LCD clock selection
LCDCK
LCKR[3:0]
1-bit mode
(LMOD=0)
4-bit mode
(LMOD=1)
0000
OSCK
0001
OSCK/2
0010
/4
0011
OSCK
/6
0100
/8
0101
/10
0110
/12
0111
OSCK/2
/14
1000
/16
1001
/18
1010
/20
1011
OSCK/4
/22
1100
/24
1101
/26
1110
/28
1111
OSCK/6
/30
TABLE 11-4 PSG Control Register (PSGC)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
-
PCK[2]
PCK[1]
PCK[0]
PRBS
C1EN
C0EN
DACE=0
-000 0000
$016
PSGC
R/W
-
PCK[2]
PCK[1]
PCK[0]
DMD[1]
DMD[0]
INH
DACE=1
-000 0000
Bit 3~0: PSGC[6:4] : PSG clock selection
PCK[2:0]
PSGCK
000
SYSCK/2
001
SYSCK/4
010
SYSCK/8
011
SYSCK/16
1xx
SYSCK
111
CLK32
TABLE 11-5 BGR Control Register (BCTR)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$063
BCTR
R/W
TEST
-
-
-
-
BSTR
BMOD
BGREN
0- - - -000
Bit 7: TEST : Test bit, must be “0”
Bit 2: BSTR : Modulation strength selection bit
0 = Full modulation strength (recommended)
1 = Half modulation strength
Bit 1: BMOD : Modulation mode selection bit
0 = Coarse modulation mode
1 = Fine modulation mode (recommended)
Bit 0: BGREN : BGR enable/disable bit
0 = Disable BGR
1 = Enable BGR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com