Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 52 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 52 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 56Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 75 page
background image
ST2202A
Ver 2.5
52/75
9/16/2008
FIGURE 18-2 NRZ ASCII “S” with Odd Parity
FIGURE 18-3 IrDA ASCII “S” with Odd Parity
Two kinds of character, 7-bit and 8-bit, are supported by
ST2202. This is controlled by mode selection bit UMOD
(UCTR[1]). Parity options are controlled by parity enable bit
PEN (UCTR[3]) and parity mode selection bit PMOD
(UCTR[2]). Other operations for transmitter and receiver
are described below.
18.2.3 Transmitter Operation
Transmitter operation is controlled by control bit TXEN
(USTR[0]). The transmitter accepts a character from the
CPU bus, and then transmits it immediately after triggered
by writing “1” to control bit TXTRG (USTR[1]). When a
character is available for transmission, the start, stop, and
parity (if enabled) bits are added into the character, and
then it is serially shifted (LSB first) at the selected bit rate.
While transmitter is busy, the busy status is reported at
TXBZ (USTR[1]) with logic value “1”. After all data bits are
finished, IRUTX (IREQ[10]) will be set to issue the interrupt
request. Next data transmission may continue with setting
trigger bit TXTRG again.
If the transmit buffer is empty, the transmitter outputs a
continuous idle (which is “1” for normal polarity). Moreover
a continuous “0” can also be outputted as a break character
by setting BRK bit (UCTR[0]) and then set the trigger bit.
.
18.2.4 Receiver Operation
Receiver operation is controlled by control bit RXEN
(USTR[2]). Once the receiver is enabled, it searches for a
start bit, qualifies it, and then samples the succeeding data
bits at the perceived bit center. Jitter tolerance and noise
immunity are provided by sampling 16 times per bit and
using a voting circuit to enhance sampling. While receiving,
the busy status of receiver can be read from RXBZ
(USTR[3]) with logic level “1”.
Receiving activity will be complete after the stop bit is
detected. Then IRURX (IREQ[11]) will be set to issue the
interrupt request. The received data can be obtained by
reading data register UDATA. Then the receive trigger bit
RXTRG (USTR[3]) should be set to indicate that the data
register can be overwrote next time.
Three kinds of errors may arise from illegal received data,
which are reported at 3 bits of status register USTR[6:4]
and are discussed below.
1. Buffer Overrun Error
This error indicates that the receive trigger bit was not set
and the receiver overwrote data in receive buffer, i.e., the
previous character was lost. This also means the software
is not keeping up with the incoming data rate. Error is
updated and reported by reading OER (USTR[4]) for
current received character.
2. Parity Error
If parity is enabled, the parity bit of current received
character is checked and the status is updated in register
bit PER (USTR[5]).
3. Framing Error
This error indicates that a framing error is detected and
there may be corrupted data with missing stop bit. Error is
updated and reported by reading FER (USTR[6]) for current
received character.
18.3 Interface Signals
Two sets of data lines can be enabled simultaneously for
communication, TXD0(PC6), RXD0(PC7) and the auxiliary
pins TXD1(PD6), RXD1(PD7). Data can inputs and outputs
from and to these pins. With setting related bits of port
function select registers (PFC and PFD), signals of the
external devices can be connected. Data in and from these
communication I/Os can be inverted by setting polarity
control bit RXINV and TXINV (IRCTR[7:6]). Direction
settings and function select bits should be ascertained
before using signals. Refer to section 9 for these settings.
TXD0 (PC6)/TXD1 (PD6)
The UART transmit data signal is output to one or both of
these two pins, which are multiplexed with PC6 and PD6.
These pins connect to standard RS-232 or infrared
transceiver modules.
RXD0 (PC7)/RXD1 (PD7)
The UART receive data signal is input from one or both of
these two pins, which are multiplexed with PC7 and PD7. If
RXD0 and RXD1 are enabled at a time, both signals will be
gated with AND logic to produce one single signal. These



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com