Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 75Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 72 / 75 page
background image
ROM CODE CHECKLIST
Ver 2.5
72/75
9/16/2008
ST2202A-□□□□
8-Bit Microcontroller With 256K Bytes ROM
OSCILLATOR
□32768 Hz Crystal
□R-OSC
MHz (Resistor =
KΩ)
□Resonator □Crystal
MHz
□2.4V ~ 3.6V
□3.0V ± 10%
□3.3V ± 10%
□3.6V ~ 5.5V
□Other Range
~
V
OPERATING
VOLTAGE
Note:
Maximum operating frequency = 4.0 Mhz@2.7V, 3.0 Mhz@2.4V
BATTERY
□CR20
x
□AAx
□AAAx
□
POWER DOWN
MODES
□WAI-0
□WAI-1
LOW VOLTAGE
DETECTOR
□Enabled □Disabled
UART
□Enabled, Baud Rate:
bps
□Disabled
SPI
□Enabled, Bit Rate:
bps
□Disabled
Resolution:
x
Duty: 1/
Bias: 1/
VLCD:
V
Driver: □ST8012x
□ST2101Cx
□ST25
x
□
LCD
SPECIFICATIONS
Note:
The optimal bias is:
1
Duty
Bias
+
=
Data sheet
ST2202 user’s manual Ver
CODE FILE:
.BIN
DATE(Y/M/D): 20
/
/
CHECK SUM:
□□□□H (Byte Mode)
Note: a. File format must be binary and the extension should be “.BIN”
b. File should be wrapped in ZIP format for transferring or e-mailing.
c. Only single file is allowed.
d. File length is 256K bytes.
e. Functions should be checked on the emulation board or by real chip.
f. Electric characteristics of the emulation board are not identical with those of the real
chip.
CUSTOMER
COMPANY
SIGNATURE
SITRONIX
FAE/SA
SALSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com