Electronic Components Datasheet Search
  English  ▼

X  

ST2202A Datasheet(PDF) 44 Page - Sitronix Technology Co., Ltd.

Part # ST2202A
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2202A Datasheet(HTML) 44 Page - Sitronix Technology Co., Ltd.

Back Button ST2202A Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST2202A Datasheet HTML 48Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
ST2202A
Ver 2.5
44/75
9/16/2008
TABLE 16-4 LCD Screen Width Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$043
LXMAX R/W
XM[7]
XM[6]
XM[5]
XM[4]
XM[3]
XM[2]
XM[1]
XM[0]
0000 0000
Bit 7~0:
XM[7:0] : LCD screen width
LCD screen width = LXMAX * 8
16.4.4 LCD Screen Height Register
The LCD screen height register (LYMAX) is used to specify the weight of the LCD panel in pixels.
TABLE 16-5 LCD Screen Height Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$044
LYMAX R/W
YM[7]
YM[6]
YM[5]
YM[4]
YM[3]
YM[2]
YM[1]
YM[0]
0000 0000
Bit 7~0:
YM[7:0] : LCD screen height
LCD screen height = LYMAX * 2
16.4.5 LCD Panning Offset Register
The LCD panning offset register (LPAN) is used to control how many pixels the picture is shifted to the left. Values from 0 to 7
can be filled into this register to denote the offset, while 0 means no panning control.
TABLE 16-6 LCD Panning Offset Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$045
LPAN
R/W
-
-
-
-
-
PAN[2]
PAN[1]
PAN[0]
- - - - -000
Bit 2~0:
PAN[2:0] : LCD panning offset from zero to 7 pixels max.
16.4.6 LCD Control Register
The LCD control register (LCTR) controls the enabling switch of LCDC, display panel on/off or reverse and the PWM contrast
control block.
TABLE 16-7 LCD Control Register
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
$047
LCTR
R/W
LPWR
BLNK
REV
-
-
-
-
-
100- - - - -
Bit 7:
LPWR : LCDC enable/disable bit
0 = Enable LCDC ( POFF signal outputs high level)
1 = Disable LCDC ( POFF signal outputs low level)
Bit 6:
BLNK : LCD display ON/OFF bit
0 = LCD display on ( BLANK signal outputs contrast control signal)
1 = LCD display off ( BLANK signal outputs low level)
Bit 5:
REV : LCD display reverse
0 = Normal display
1 = Reverse display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com