Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
ST7032
V1.4
2008/08/18
26/61
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
67
Instruction Step
l
Bias selection/Internal OSC frequency adjust
Ø
BS: bias selection
When BS=
”High”, the bias will be 1/4
When BS=
”Low”, the bias will be 1/5
BS will be invalid when external bias resistors are used (OPF1=1, OPF2=1)
Ø
F2,F1,F0 : Internal OSC frequency adjust
When CLS connect to high, that instruction can adjust OSC and Frame frequency.
Internal frequency adjust
Frame frequency ( Hz )
(2 line mode)
F2
F1
F0
VDD = 3.0 V
VDD = 5.0 V
0
0
0
122
120
0
0
1
131
133
0
1
0
144
149
0
1
1
161
167
1
0
0
183
192
1
0
1
221
227
1
1
0
274
277
1
1
1
347
347
l
Set ICON RAM address
Set ICON RAM address to AC.
This instruction makes ICON data available from MPU.
When IS=1 at Extension mode,
The ICON RAM address is from "00H" to "0FH".
l
Power/ICON control/Contrast set(high byte)
Ø
Ion: set ICON display on/off
When Ion = "High", ICON display on.
When Ion = "Low", ICON display off.
Ø
Bon: switch booster circuit
Bon can only be set when internal follower is used (OPF1=0, OPF2=0).
When Bon = "High", booster circuit is turn on.
When Bon = "Low", booster circuit is turn off.
Ø
C5,C4 : Contrast set(high byte)
C5,C4,C3,C2,C1,C0 can only be set when internal follower is used (OPF1=0,OPF2=0).They can more
precisely adjust the input reference voltage of V0 generator. The details please refer to the supply voltage
for LCD driver.
0
0
0
0
1
0
F2
BS
F0
F1
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1
0
0
1
0
0
0
AC2
AC3
AC0
AC1
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1
0
0
1
0
1
0
BON
ION
C4
C5
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com