Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 40 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 40 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
ST7032
V1.4
2008/08/18
40/61
l
When built-in bias resistors(3.3KΩ) are used
(OPF1=0,OPF2=1)
l
When built-in voltage followers with external Vout are used
(OPF1=0,OPF2=0 and instruction setting Bon=0,Fon=1)
GND
VLCD
VCC (2.7~ 5.5V)
OPF1 OPF2
Vext ≧ V0
VDD
V0
V1
V2
V3
V4
CAP1P
CAP1N
VSS
VIN
VOUT
Don't need to connect stable capacitor when
use internal follower circuit
GND
Vext
VR
VDD
V0
V1
V2
V3
V4
OPF2
OPF1
CAP1P
CAP1N
VSS
VLCD
VCC (2.7~ 5.5V)
VOUT
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com