Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
ST7032
V1.4
2008/08/18
25/61
l
Write Data to CGRAM,DDRAM or ICON RAM
Write binary 8-bit data to CGRAM, DDRAM or ICON RAM
The selection of RAM from DDRAM, CGRAM or ICON RAM, is set by the previous address set instruction
: DDRAM address set, CGRAM address set, ICON RAM address set. RAM set instruction can also determine
the AC direction to RAM.
After write operation, the address is automatically increased/decreased by 1, according to the entry mode.
l
Read Data from CGRAM,DDRAM or ICON RAM
Read binary 8-bit data from DDRAM/CGRAM/ICON RAM
The selection of RAM is set by the previous address set instruction. If address set instruction of RAM is not
performed before this instruction, the data that read first is invalid, because the direction of AC is not
determined. If you read RAM data several times without RAM address set instruction before read operation,
you can get correct RAM data from the second, but the first data would be incorrect, because there is no time
margin to transfer RAM data.
※Read data must be
“set address” before this instruction.
0
1
D6
D7
D4
D5
D2
D3
D0
D1
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1
1
1
D6
D7
D4
D5
D2
D3
D0
D1
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com