Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 35 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 35 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
ST7032
V1.4
2008/08/18
35/61
n Interfacing to the MPU
The ST7032 can send data in two 4-bit operations/one 8-bit operation, serial 1 bit operation or fast I
2C operation,
thus allowing interfacing with 4-bit, 8-bit or I
2C MPU.
l
For 4-bit interface data, only four bus lines (DB4 to DB7) are used for transfer. Bus lines DB0 to DB3
are disabled. The data transfer between the ST7032 and the MPU is completed after the 4-bit data has been
transferred twice. As for the order of data transfer, the four high order bits (for 8-bit operation, DB4 to DB7)
are transferred before the four low order bits (for 8-bit operation, DB0 to DB3). The busy flag must be
checked (one instruction) after the 4-bit data has been transferred twice. Two more 4-bit operations then
transfer the busy flag and address counter data.
Ø
Example of busy flag check timing sequence
Ø
Intel 8051 interface(4 Bit)
Functioning
DB7
Internal
operation
E
R/W
RS
Busy flag check
Busy flag check
Instruction write
Instruction write
IR7
IR3
AC3
Not
Busy
AC3
IR3
IR7
CSB
P1.0 to P1.3
P3.0
P3.1
P3.2
RS
R/W
E
DB4 to DB7
COM1 to COM16
SEG1 to SEG80
80
16
Intel 8051 Serial
ST7032
4
P3.3
CSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com