Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 46 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 46 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
ST7032
V1.4
2008/08/18
46/61
l
I2C interface
SDA
SCL
tBUF
tDH;STA
tLOW
tHD;DAT
tHIGH
tr
tf
tSU;DAT
tSU;STO
tSU;STA
SDA
( Ta = 25
°C )
VDD=2.7 to 4.5V
Rating
VDD=4.5 to 5.5V
Rating
Item
Signal Symbol Condition
Min.
Max.
Min.
Max.
Units
SCL clock frequency
fSCLK
DC
400
DC
400
KHz
SCL clock low period
tLOW
1.3
—
1.3
—
SCL clock high period
SCL
tHIGH
—
0.6
—
0.6
—
us
Data set-up time
tSU;DAT
180
—
100
—
ns
Data hold time
SI
tHD:DAT
—
0
0.9
0
0.9
us
SCL,SDA rise time
tr
20+0.1Cb
300
20+0.1Cb
300
SCL,SDA fall time
SCL,
SDA
tf
—
20+0.1Cb
300
20+0.1Cb
300
ns
Capacitive load represent by each bus
line
Cb
—
—
400
—
400
pf
Setup time for a repeated START
condition
tSU;STA
—
0.6
—
0.6
—
us
Start condition hold time
SI
tHD;STA
—
0.6
—
0.6
—
us
Setup time for STOP condition
tSU;STO
—
0.6
—
0.6
—
us
Bus free time between a Stop and
START condition
SCL
tBUF
—
1.3
—
1.3
—
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com