Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 42 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 42 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
ST7032
V1.4
2008/08/18
42/61
Ø
V0 voltage follower value calculation
C5
C4
C3
C2
C1
C0
α
Rab2 Rab1 Rab0
1+Rb/Ra
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
1
1
0
0
1
1.25
0
0
0
0
1
0
2
0
1
0
1.5
0
1
1
1.8
1
0
0
2
.
.
.
.
1
0
1
2.5
1
1
1
1
0
1
61
1
1
0
3
1
1
1
1
1
0
62
1
1
1
3.75
1
1
1
1
1
1
63
V0 level (Condition:Booster on, Follower on, VIN=3.5V, VDD=3.0V,Display off)
The recommended curve: follower = 04H
Notes:
1.
Vout ≧V0 ≧V1 ≧V2 ≧V3 ≧V4 ≧Vss must be maintained.
2.
If the calculation value of V0 is higher than Vout, the real V0 value will saturate to Vout.
3.
internal built-in booster can only be used when OPF1=0,OPF2=0.
Vref
V0
Vout(≧VDD)
VDD
Ra
Rb
VSS
) Vref
Rb
Ra
V0=(1+
*
While Vref=VDD (
α+36
100
)
*
0
1
2
3
4
5
6
7
8
1
357
9 11 13 15 17 19 21 23 25 27 29 31 33 35 37 39 41 43 45 47 49 51 53 55 57 59 61 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com