Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 7 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 7 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
ST7032
V1.4
2008/08/18
7/61
n Pin Function
Name
Number
I/O Interfaced with
Function
XRESET
1
I
MPU
External reset pin. Only if the power on reset used, the
XRESET pin must be fixed to VDD.
Low active.
RS
1
I
MPU
Select registers.
0: Instruction register (for write)
Busy flag & address counter (for read)
1: Data register (for write and read)
R/W
1
I
MPU
Select read or write (In parallel mode).
0: Write
1: Read
E
1
I
MPU
Starts data read/write. (
“E” must connect to “VDD” when
serial interface is selected.)
CSB
1
I
MPU
Chip select in parallel mode and serial interface (Low
active).When the CSB in falling edge state (in serial
interface), the shift register and the clock counter are reset.
Four high order bi-directional data bus pins. Used for data
transfer and receive between the MPU and the ST7032.
DB7 can be used as a busy flag. In serial interface mode
DB7 is SI (input data), DB6 is SCL (serial clock).
DB4 to DB7
4
I/O
MPU
In I
2C interface DB7 (SDA) is input data and DB6 (SCL) is
clock input.
SDA and SCL must connect to I
2C bus (I2C bus is to connect
a resister between SDA/SCL and the power of I
2C bus ).
DB0 to DB3
4
I/O
MPU
Four low order bi-directional data bus pins. Used for data
transfer and receive between the MPU and the ST7032.
These pins are not used during 4-bit operation.
Ext
1
I
ITO option
Extension instruction select:
0:enable extension instruction(add contrast/ICON/double
height font/ extension instruction)
1:disable extension instruction(compatible to ST7066U, but
without 5x11dot font)
PSB
1
I
MPU
Interface selection
0:serial mode
(
“E” must connect to “VDD” when serial mode is selected.)
1:parallel mode(4/8 bit)
In I
2C interface PSB must connect to VDD
PSI2B
1
I
ITO option
PSB
PSI2B
Interface
0
0
No use
0
1
SI4
1
0
SI2 (I
2C )
1
1
Parallel 68
Character generator select:
OPR1
OPR2
CGROM
CGRAM
0
0
240
8
0
1
250
6
1
0
248
8
OPR1,
OPR2
2
I
ITO option
1
1
256
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com