Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
ST7032
V1.4
2008/08/18
10/61
n Function Description
l
System Interface
This chip has all four kinds of interface type with MPU: 4-bit bus, 8-bit bus, serial and fast I
2C interface. 4-bit bus
or 8-bit bus is selected by DL bit in the instruction register.
During read or write operation, two 8-bit registers are used. One is data register (DR); the other is instruction
register (IR).
The data register (DR) is used as temporary data storage place for being written into or read from
DDRAM/CGRAM/ICON RAM, target RAM is selected by RAM address setting instruction. Each internal
operation, reading from or writing into RAM, is done automatically. So to speak, after MPU reads DR data, the
data in the next DDRAM/CGRAM/ICON RAM address is transferred into DR automatically. Also after MPU writes
data to DR, the data in DR is transferred into DDRAM/CGRAM/ICON RAM automatically.
The Instruction register (IR) is used only to store instruction code transferred from MPU. MPU cannot use it to
read instruction data.
Using RS input pin to select command or data in 4-bit/8-bit bus mode.
Table 1. Various kinds of operations according to RS and R/W bits.
I
2C interface
It just only could write Data or Instruction to ST7032 by the IIC Interface.
It could not read Data or Instruction from ST7032 (except Acknowledge signal).
SCL: serial clock input
SDA: serial data input
Slaver address could only set to 0111110, no other slaver address could be set
The I
2C interface send RAM data and executes the commands sent via the I2C Interface. It could send data bit to the RAM.
The I
2C Interface is two-line communication between different ICs or modules. The two lines are a Serial Data line (SDA)
and a Serial Clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor. Data transfer may be
initiated only when the bus is not busy.
BIT TRANSFER
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of
the clock pulse because changes in the data line at this time will be interpreted as a control signal. Bit transfer is illustrated
in Fig.1.
START AND STOP CONDITIONS
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line, while the clock
is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined
as the STOP condition (P). The START and STOP conditions are illustrated in Fig.2.
SYSTEM CONFIGURATION
The system configuration is illustrated in Fig.3.
· Transmitter: the device, which sends the data to the bus
· Master: the device, which initiates a transfer, generates clock signals and terminates a transfer
· Slave: the device addressed by a master
RS R/W
Operation
L
L
Instruction Write operation (MPU writes Instruction code
into IR)
L
H
Read Busy Flag(DB7) and address counter (DB0 ~ DB6)
H
L
Data Write operation (MPU writes data into DR)
H
H
Data Read operation (MPU reads data from DR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com