Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7032 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
ST
Sitronix
ST7032
Dot Matrix LCD Controller/Driver
V1.4
2008/08/18
1/61
n Features
l
5 x 8 dot matrix possible
l
Low power operation support:
-- 2.7 to 5.5V
l
Range of LCD driver power
-- 3.0 to 7.0V
l
4-bit, 8-bit, serial MPU or 400kbits/s fast
I
2C-bus interface are available
l
80 x 8-bit display RAM (80 characters max.)
l
10,240-bit character generator ROM for a
total of 256 character fonts(max)
l
64 x 8-bit character generator RAM(max)
l
16-common x 80-segment and 1-common x
80-segment ICON liquid crystal display
driver
l
16 x 5
–bit ICON RAM(max)
l
Wide range of instruction functions:
Display clear, cursor home, display on/off,
cursor on/off, display character blink, cursor
shift, display shift, double height font
l
Automatic reset circuit that initializes the
controller/driver after power on and external
reset pin
l
Internal oscillator(Frequency=540KHz) and
external clock
l
Built-in voltage booster and follower circuit
(low power consumption )
l
Com/Seg direction selectable
l
Multi-selectable for CGRAM/CGROM size
l
Instruction compatible to ST7066U and
KS0066U and HD44780
l
Available in COG type
n Description
The ST7032 dot-matrix liquid crystal display controller can
display alphanumeric, Japanese kana characters, and
symbols. It can be configured to drive a dot-matrix liquid
crystal display under the control of a 4 / 8-bit with
6800-series or 8080-series, 3/4-line serial interface
microprocessor. Since all the functions such as display
RAM, character generator ROM/RAM and liquid crystal
driver, required for driving a dot-matrix liquid crystal display
are internally provided on one chip, a minimal system can
be used with this controller/driver.
The ST7032 character generator ROM size is 256 5x8dot
bits which can be used to generate 256 different character
fonts (5x8dot).
The ST7032 is suitable for low voltage supply (2.7V to
5.5V) and is perfectly suitable for any portable product
which is driven by the battery and requires low power
consumption.
The ST7032 LCD driver consists of 17 common signal
drivers and 80 segment signal drivers. The maximum
display RAM size can be either 80 characters in 1-line
display or 40 characters in 2-line display. A single ST7032
can display up to one 16-character line or two 16-character
lines.
The ST7032 dot-matrix LCD driver does not need extra
cascaded drivers.
n Product Number
ST7032 supports various function for customer. Please specify correct product number for application:
For example,
“ST7032–0D” the first part is illustrated below and the second part is the identification code of the built-in
character generation ROM. Please refer to the appendix for the character generation ROM code information.
ST7032
6800-4bit / 8bit, 4-Line interface
(without IIC interface)
ST7032i
IIC interface
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


Similar Part No. - ST7032

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
ST7032FNL PULSE-ST7032FNL Datasheet
354Kb / 3P
XFMR,SIN,10D,1:1,SM,TU
ST7032QNL PULSE-ST7032QNL Datasheet
114Kb / 1P
XFMR,SIN,10D,1:1,SM,TU
More results

Similar Description - ST7032

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
Dot Matrix LCD Controller Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com