Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
ST7032
V1.4
2008/08/18
13/61
During write operation, two 8-bit registers are used. One is data register (DR), the other is instruction register
(IR).
The data register (DR) is used as temporary data storage place for being written into DDRAM/CGRAM/ICON
RAM, target RAM is selected by RAM address setting instruction. Each internal operation, writing into RAM, is
done automatically. So to speak, after MPU writes data to DR, the data in DR is transferred into
DDRAM/CGRAM/ICON RAM automatically.
The Instruction register (IR) is used only to store instruction code transferred from MPU. MPU cannot use it to
read instruction data.
To select register, use RS input in I
2C interface.
Table 2. Various kinds of operations according to RS and R/W bits.
l
Busy Flag (BF)
When BF = "High
”, it indicates that the internal operation is being processed. So during this time the next
instruction cannot be accepted. BF can be read, when RS = Low and R/W = High (Read Instruction Operation),
through DB7 port. Before executing the next instruction, be sure that BF is not High.
l
Address Counter (AC)
Address Counter (AC) stores DDRAM/CGRAM/ICON RAM address, transferred from IR.
After writing into (reading from) DDRAM/CGRAM/ICON RAM, AC is automatically increased (decreased) by 1.
When RS = "Low" and R/W = "High", AC can be read through DB0 ~ DB6 ports.
RS R/W
Operation
L
L
Instruction Write operation (MPU writes Instruction code
into IR)
H
L
Data Write operation (MPU writes data into DR)
S 0 1 1 11
1
R
S
0 A
control byte
A
data byte
Co
0
R
S
A
control byte
A
data byte
A P
Co
slave address
acknowledgement
from ST7032i
acknowledgement
from ST7032i
acknowledgement
from ST7032i
acknowledgement
from ST7032i
acknowledgement
from ST7032i
2n>=0bytes
command word
n>=0bytes
MSB.......................LSB
1 byte
R/W
Write mode
0 1 1 11
R
/
W
slave address
Co
R
S
00 0 0 00
control byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
data byte
1 0
1 0
Figure 5. 2-line Interface protocol
0
Last control byte to be sent. Only a stream of data bytes is allowed to follow.
This stream may only be terminated by a STOP condition.
Co
1
Another control byte will follow the data byte unless a STOP condition is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com