Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
ST7032
V1.4
2008/08/18
15/61
Ø
2-line display (N = 1) (Figure 10)
Case 1: When the number of display characters is less than 40
2 lines, the two lines are displayed from the
head. Note that the first line end address and the second line start address are not consecutive. See Figure
10.
Case 2: For a 16-character
2-line display See Figure 11.
When display shift operation is performed, the DDRAM address shifts. See Figure 11.
Figure 10. 2-Line Display
00 01 02 03 04 05
........
25 26 27
DDRAM Address
(hexadecimal)
1
2
3
4
5
6
38 39 40
Display Position
40 41 42 43 44 45
........
65 66 67
Display
Position
Figure 11. 2-Line by 16-Character Display Example
DDRAM
Address
For Shift
Left
For Shift
Right
1
234
5
678
9
10 11 12 13 14 15 16
00 01 02 03 04 05 06
27
40 41 42 43 44 45 46
67
08
07
09 0A 0B 0C 0D 0E
48
47
49 4A 4B 4C 4D 4E
00 01 02 03 04 05 06 07
08
01 02 03 04 05 06 07
40 41 42 43 44 45 46 47
48
41 42 43 44 45 46 47
08 09 0A 0B 0C 0D 0E 0F
48 49 4A 4B 4C 4D 4E 4F
09 0A 0B 0C 0D 0E 0F 10
50
49 4A 4B 4C 4D 4E 4F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com