Electronic Components Datasheet Search
  English  ▼

X  

ST7032 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7032
Description  Dot Matrix LCD Controller/Driver
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7032 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7032 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7032 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
ST7032
V1.4
2008/08/18
11/61
· Multi-Master: more than one master can attempt to control the bus at the same time without corrupting the message
· Arbitration: procedure to ensure that, if more than one master simultaneously tries to control the bus, only one is allowed to
do so and the message is not corrupted
· Synchronization: procedure to synchronize the clock signals of two or more devices.
ACKNOWLEDGE
Acknowledge is not Busy Flag in I2C interface.
Each byte of eight bits is followed by an acknowledge bit. The acknowledge bit is a HIGH signal put on the bus by the
transmitter during which time the master generates an extra acknowledge related clock pulse. A slave receiver which is
addressed must generate an acknowledge after the reception of each byte. A master receiver must also generate an
acknowledge after the reception of each byte that has been clocked out of the slave transmitter. The device that
acknowledges must pull-down the SDA line during the acknowledge clock pulse, so that the SDA line is stable LOW during
the HIGH period of the acknowledge related clock pulse (set-up and hold times must be taken into consideration). A master
receiver must signal an end-of-data to the transmitter by not generating an acknowledge on the last byte that has been
clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a STOP
condition. Acknowledgement on the I
2C Interface is illustrated in Fig.4.
SDA
SCL
data line
stable;
data valid
change
of data
allowed
Figure 1. Bit transfer
SDA
SCL
SP
START con dition
STOP con dition
Figure 2. Definition of START and STOP conditions
MASTER
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER (1)
0111100
SLAVE
RECEIVER (2)
0111101
SLAVE
RECEIVER (3)
0111110
SLAVE
RECEIVER (4)
0111111
SDA
SCL
Figure 3. System configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com