Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 29 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 29 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
ST7528
Ver2.3
29/97
2007/1/3
Column Address Circuit
In Mode 0, 1
Column Address Circuit has a 10-bit preset counter that provides Column Address to the Display Data RAM. When set
Column Address MSB / LSB instruction is issued, 8-bit [Y9:Y2] are set and lowest 2 bit, Y[1:0] is set to “00”. Since this
address is increased by 1 each a read or write data instruction, microprocessor can access the display data continuously.
However, the counter is not increased and locked if a non-existing address above 9FH. It is unlocked if a column address is
set again by set Column Address MSB / LSB instruction. And the column address counter is independent of page address
register.
ADC select instruction makes it possible to invert the relationship between the Column Address and the segment outputs. It
is necessary to rewrite the display data on built-in RAM after issuing ADC select instruction. Refer to the following Figure 9
and Figure 10.
(Note: in mode read or write in fourth, the column address will turn to next column address)
MODE 0
SEG
output
SEG
0
SEG
1
SEG
2
SEG
3
…
SEG
128
SEG
129
SEG
130
SEG
131
Column
address
[Y9:Y2]
00H
01H
02H
03H
…
80H
81H
82H
83H
Internal
column
address
[Y9:Y0]
00 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F
… 200 201 202 203 204 205 206 207 208 209 20A 20B 20C 20D 20E 20F
Display
data
(ADC=0)
1
1
1
1
1
1
1
0
1
1
0
1
1
1
0
0
…
0
0
1
1
0
0
1
0
0
0
0
1
0
0
0
0
LCD panel
display
…
Display
data
(ADC=1)
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
…
1
1
0
0
1
1
0
1
1
1
1
0
1
1
1
1
LCD panel
display
…
Figure 9. The Relationship between the Column Address and the Segment Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com