Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 41 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 41 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 97 page
background image
ST7528
Ver2.3
41/97
2007/1/3
In Case of Using Internal Resistors, Ra and Rb (INTRS = "H”)
When INTRS pin is "H", resistor Ra is connected internally between VR pin and VSS, and Rb is connected between V0
and VR. We determine V0 by two instructions, "Regulator Resistor Select" and "Set Reference Voltage".
Table 6 Internal Rb / Ra Ratio depending on 3-bit Data (R2 R1 R0)
3-bit data settings (R2 R1 R0)
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
1 + (Rb / Ra)
2.3
3.0
3.7
4.4
5.1
5.8
6.5
7.2
Figure 17 shows V0 voltage measured by adjusting internal regulator register ratio (Rb / Ra) and 6-bit electronic volume
registers for each temperature coefficient at Ta = 25
°C.
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
16.000
000
001
010
011
100
101
110
111
Figure 17 Electronic volume register (0 to 63)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com