Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 40 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 40 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
ST7528
Ver2.3
40/97
2007/1/3
Voltage Converter Circuits
These circuits boost up the electric potential between VDD2 and Vss to 3, 4, 5 or 6 times toward positive side and boosted
voltage is outputted from VOUT pin. It is possible to select the lower boosting level in any boosting circuit by “Set DC-DC
Step-up” instruction. When the higher level is selected by instruction, VOUT voltage is not valid.
Note: we would like to recommend to use the external VOUT when the panel is large than 1.8 inch
Voltage Regulator Circuits
The function of the internal Voltage Regulator circuits is to determine liquid crystal operating voltage, V0, by adjusting
resistors, Ra and Rb, within the range of |V0| < |VOUT|. Because VOUT is the operating voltage of operational-amplifier
circuits shown in Figure 16, it is necessary to be applied internally or externally.
For the Eq. 1, we determine V0 by Ra, Rb and VEV. The Ra and Rb are connected internally or externally by INTRS pin.
And VEV called the voltage of electronic volume is determined by Eq. 2, where the parameter
α is the value selected by
instruction, "Set Reference Voltage Register", within the range 0 to 63. VREF voltage at Ta= 25
°C is shown in Table 5.
Rb
V0 = (1 +
 ) x VEV [V] ------ (Eq. 1)
Ra
(63 -
α)
VEV = (1 -
 ) x VREF [V] ------ (Eq. 2)
210
Table 5 VREF Voltage at Ta = 25°C
REF
Temp. coefficient
VREF [ V ]
1
-0.125% /
°C
2.1
0
External input
VEXT
+
_
VEV
VOUT
V0
VR
VSS
Rb
Ra
GND
Figure 16 Internal Voltage Regulator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com