Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
ST7528
Ver2.3
72/97
2007/1/3
Bare Dice Consumption Current : During Display, with the Internal Power Supply, Current consumed by total ICs when an
external power supply(VDD,VDD2) is used .
Rating
Test pattern
Symbol
Condition
Min.
Typ.
Max.
Units
Notes
Display Pattern
SNOW
ISS
VDD = 3.3 V,
V0 – VSS = 10.7 V
5X booster
1/11 bias
—
550
650
μ
A
*8
Power Down
ISS
Ta = 25°C
—
0.01
2
μ
A
*9
Notes to the DC characteristics
1. The maximum possible VOUT voltage that may be generated is dependent on voltage, temperature and (display) load.
2. Internal clock
3. Power-down mode. During power down all static currents are switched off.
4. If external VLCD, the display load current is not transmitted to IDD.
5. VOUT external voltage applied to VOUT_IN pin; VOUT_IN disconnected from VOUT_OUT
References for items market with *
*1 While a broad range of operating voltages is guaranteed, performance cannot be guaranteed if there are sudden
fluctuations to the voltage while the MPU is being accessed.
*2 The A0, D0 to D5, D6 (SI), D7 (SCL), /RD (E), /WR ,/(R/W), CSB, IMS, OSC, P/S, /DOF, RESB ,and MODE terminals.
*3 The D0 to D7, and OSC terminals.
*4 The A0,/RD (E), /WR ,/(R/W), CSB, IMS, OSC, P/S, /DOF, RESB ,and MODE terminals.
*5 Applies when the D0 to D5, D6 (SI), D7 (SCL) terminals are in a high impedance state.
*6 These are the resistance values for when a 0.1 V voltage is applied between the output terminal SEGn or COMn and the
various power supply terminals (V1, V2, V3, and V4). These are specified for the operating voltage range.
RON = 0.1 V /ΔI (Where ΔI is the current that flows when 0.1 V is applied while the power supply is ON.)
*7 The relationship between the oscillator frequency and the frame rate frequency.
*8,9 It indicates the current consumed on bare dice when the internal oscillator circuit and display are turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com