Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
ST7528
Ver2.3
49/97
2007/1/3
Set Mode Register
2-byte instruction to set Mode (EXT) and FR (Frame frequency control), BE (Booster efficiency control).
The 1st Instruction
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
1
1
1
0
0
0
The 2nd Instruction
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
FR3
FR2
FR1
FR0
0
BE
x'
EXT
Frame frequency
This command is used to set the frame frequency. This table is suitable for no partial display
FR3
FR2
FR1
FR0
FR frequency
0
0
0
0
77 Hz ±5%
0
0
0
1
51 Hz ±20%
0
0
1
0
55 Hz ±20%
0
0
1
1
58 Hz ±20%
0
1
0
0
63 Hz ±20%
0
1
0
1
67 Hz ±20%
0
1
1
0
68 Hz ±20%
0
1
1
1
70 Hz ±20%
1
0
0
0
73 Hz ±20%
1
0
0
1
75 Hz ±20%
1
0
1
0
80 Hz ±20%
1
0
1
1
85 Hz ±20%
1
1
0
0
91 Hz ±20%
1
1
0
1
102 Hz ±20%
1
1
1
0
113 Hz ±20%
1
1
1
1
123 Hz ±20%
Booster Efficiency
The ST7528 incorporates software configurable Booster Efficiency Command. It could be used with Voltage
multiplier to get the suitable Vout and Power consumption. Default setting is Level 2
Flag
Description
0
Booster Efficiency Level 1
BE
1
Booster Efficiency Level 2
Mode Set
Flag
Description
Default
EXT=0
EXT=0
The Instruction of EXT=0 Mode is available
EXT
EXT=1
The Instruction of EXT=1 Mode is available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com