Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 74 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 74 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 97 page
background image
ST7528
Ver2.3
74/97
2007/1/3
(VDD = 2.7 V , Ta = -30~85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH8
0
—
Address setup time
tAW8
0
—
System cycle time
A0
tCYC8
400
—
Enable L pulse width (WRITE)
tCCLW
220
—
Enable H pulse width (WRITE)
WR
tCCHW
180
—
Enable L pulse width (READ)
tCCLR
220
—
Enable H pulse width (READ)
RD
tCCHR
180
—
WRITE Data setup time
tDS8
40
—
WRITE Data hold time
tDH8
15
—
READ access time
tACC8
CL = 100 pF
—
140
READ Output disable time
D0 to D7
tOH8
CL = 100 pF
10
100
tF
—
10
tR
—
10
ns
(VDD = 1.8V , Ta = -30~85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH8
0
—
Address setup time
tAW8
0
—
System cycle time
A0
tCYC8
640
—
Enable L pulse width (WRITE)
tCCLW
360
—
Enable H pulse width (WRITE)
WR
tCCHW
280
—
Enable L pulse width (READ)
tCCLR
360
—
Enable H pulse width (READ)
RD
tCCHR
280
WRITE Data setup time
tDS8
80
—
WRITE Data hold time
tDH8
30
—
READ access time
tACC8
CL = 100 pF
—
240
READ Output disable time
D0 to D7
tOH8
CL = 100 pF
10
200
tF
—
10
tR
—
10
ns
*1 The input signal rise time and fall time (tr, tf) is specified at 15 ns or less. When the system cycle time is extremely fast,
(tr +tf) ≦ (tCYC8 – tCCLW – tCCHW) for (tr + tf) ≦ (tCYC8 – tCCLR – tCCHR) are specified.
*2 All timing is specified using 20% and 80% of VDD as the reference.
*3 tCCLW and tCCLR are specified as the overlap between CSB being “L” and WR and RD being at the “L” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com