Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 96 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 96 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 97Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 96 / 97 page
background image
ST7528
Ver2.3
96/97
2007/1/3
ST7528
Internal analog circuit
Mode1: Resolution : 101(100COM+ICON)*160(SEG)
Interface : 8080 interface
OSC1:External for input
External VOUT from VOUT_IN
(the same pin shoud be connected together,
for example,pin246(D0) connect to pin247(D0)
exclude power pin)
PS0:VDD
PS1:VSS
PS2:VSS
Mode:VDD
TA:VDD
REF:VDD
INTRS:VDD
VR:OPEN
VEXT:OPEN
T0~T9:OPEN
MF[2:0]:VDD OR VSS=(0,0,0)
DS[1:0]:VDD OR VSS=(1,0)
(MF[2:0]&DS[1:0] is ID of this IC,
these pins cannot be left open)
C=1uF
233
PS1
232
PS0
235
VSS
234
PS2
231
VDD
230
T9
244~245
E_RD
242~243
RW_WR
240~241
A0
236~237
CSB
VDD2
268~283
262~267
VDD
250~251
D2
248~249
D1
246~247
D0
335
VDD
326~334
T8~T0
320~325
VOUT_IN
314~319
VOUT_OUT
306
Mode
340
INTRS
339
VDD
344
VDD
342~343
OSC1
238~239
RST
284~299
VSS2
300~305
VSS
310
MF0
309
MF1
308
MF2
307
TA
311
DS0
313
VDD
312
DS1
337
VSS
336
REF
338
VEXT
341
VSS
256~257
D5
254~255
D4
252~253
D3
260~261
D7
258~259
D6
345~346
VR
351~352
V0
350
V1
348
V3
347
V4
349
V2
228
COM99
218
COM89
196
COM67
179
COM50
178
SEG159
177
SEG158
19
SEG0
18
COMS1
1
COM16
364
COM38
................
................
................
17
COM0
229
COMS2
353
COM49
................
21
VOUT_IN
D7
3
CSB
14
1
VDD
D6
2
VSS
19
20
16
17
18
15
5
A0
4
RST
V4
V1
V2
V3
V0
D5
12
D4
13
D3
10
D2
11
D1
8
D0
9
RD
6
WR
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com