Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
ST7528
Ver2.3
23/97
2007/1/3
3-Line SPI Mode (PS0 = "L", PS1 = "L",PS2= "L")
To write data to the DDRAM, send Data Direction Command in 3-Line SPI mode. Data is latched at the rising edge of
SCLK. And the DDRAM column address pointer will be increased by one automatically.
(1) Set Page and Column Address.
Set Page Address
: 1 0 1 1
P3 P2 P1 P0
Set Column Address MSB
: 0 0 0 1
0 Y7 Y6 Y5
Set Column Address LSB
: 0 0 0 0
Y4 Y3 Y2 Y1
(2) Set DDC (Data Direction Command) and No. of Data Bytes.
Set Data Direction Command (For SPI mode Only):
1 1 1 0 1 0 0 0
Set No. of Data Bytes
: D7 D6 D5 D4 D3 D2 D1 D0
(3) This figure is example for 104 Data bytes to be transferred.
Figure 2 3-pin SPI Timing (RS is not used)
This command is used in 3-Line SPI mode only. It will be two continuous commands, the first byte controls the data
direction and informs the LCD driver the second byte will be number of data bytes will be write. After these two commands
sending out, the following messages will be data. If data is stopped in transmitting, it is not valid data.
New data will be transferred serially with most significant bit first.
NOTE: In spite of transmission of data, if CSB is disabling, state terminates abnormally. Next state is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com