Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 97 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 97 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 89Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 90Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 91Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 92Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 93Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 94Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 95Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 96Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 97Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 97 / 97 page
background image
ST7528
Ver2.3
97/97
2007/1/3
Reversion History
1.5V
2004/6/29
80,68,IIC Timing character definition
1.6V
2004/7/21
Modify Application Note VDD, VSS routing
1.7V
2004/10/12
Add Timing parameter , tF and tR
1.8V
2004/11/26
l
Modify Vout Max limitation from 15V to 18V
l
Add VEXT using range (2.0V~3.3V)
1.9V
2005/01/18
l
Modify Frame rate frequency typical and Max/Min value.
l
Modify 3FRC/4FRC setting description (page 33).
l
Add description about the Panel Size large than 1.6”, the VOP can not set
over 12 voltage.
l
Add description about IIC interface can not use with other IIC slaver device.
l
Modify page 29, 30 key error.
l
Change “partial display duty ratio” to “select partial display line”.
l
Add description on instruction of Frame Frequency to suitable for no partial
display.
l
Add release bias power save instruction.
2.0V
2005/10/05
l
Remove page-3 “PAD NO 352 ~ 353: 913 um PAD NO 229 ~ 230: 84 um“.
l
Change VDD1 to VDD.
2.1V
2005/10/20
Modify E_RD , RW_WR , Pin description, and add VR,VEXT ITO resister limitation.
2.2V
2005/12/22
Modify PAD Coordinates.
2.3V
2005/12/27
l
Add DS1.DS0 recommended setting.
l
Modify ADC description mistake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com