Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
ST7528
Ver2.3
63/97
2007/1/3
Reset
This instruction Resets initial display line, column address, page address, and common output status select to their initial
status, but dose not affect the contents of display data RAM. This instruction cannot initialize the LCD power supply, which
is initialized by the RESETB pin.
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
1
1
0
0
0
1
0
Set Data Direction & Display Data Length (3-Line SPI Mode)
Consists of 2 bytes instruction.
This command is used in 3-Line SPI mode only (PS0 = ”L” and PS1 = ”L” ). It will be two continuous commands, the first
byte control the data direction(write mode only) and inform the LCD driver the second byte will be number of data bytes will
be write. When A0 is not used, the Display Data Length instruction is used to indicate that a specified number of display
data bytes are to be transmitted. The next byte after the display data string is handled as command data.
The 1st Instruction: Set Data Direction (Only Write Mode)
A0
RW
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
x
x
1
1
1
0
1
0
0
0
Set Power Save Mode (Sleep Mode)
Sleep Mode
Oscillator Circuit: OFF
LCD Power Supply Circuit: OFF
All COM / SEG Output Level: VSS
Consumption Current < 2uA
Release Power Save Mode (Sleep Mode)
Figure 25 Power Save Routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com