Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 97 page
background image
ST7528
Ver2.3
20/97
2007/1/3
LCD DRIVER OUTPUTS
LCD Driver Output Pin Description
Name
I/O
Description
SEG0
to
SEG159
O
LCD segment driver outputs
The display data and the M signal control the output voltage of segment driver.
Segment driver output voltage
Display data
M (Internal)
Normal display
Reverse display
H
H
V0
V2
H
L
VSS
V3
L
H
V2
V0
L
L
V3
VSS
Power save mode
VSS
VSS
COM0
to
COM127
O
LCD common driver outputs
The internal scanning data and M signal control the output voltage of common driver.
Scan data
M (Internal)
Common driver output voltage
H
H
VSS
H
L
V0
L
H
V1
L
L
V4
Power save mode
VSS
COMS
(COMS1)
O
Common output for the icons
The output signals of two pins are same. When not used, these pins should be left open.
ST7528 I/O PIN ITO Resister Limitation
PIN Name
ITO Resister
PS2,PS1,PS0,REF,OCS1,INTRS,Mode, TA
No Limitation
T0…9 , VR(No used) , VEXT(No used)
Floating
Vdd, Vdd2, Vss, Vss2, VOUT_IN , VOUT_OUT,
<100Ω
VR(used) , VEXT(used)
<500Ω
CSB , E , R/W , A0 , D0 …D7
<1KΩ
V1 , V2 , V3 , V4
<500Ω
RST
<10KΩ
In IIC interface: SDA , SCL ITO resister recommend to less than 100 ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com