Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
ST7528
Ver2.3
22/97
2007/1/3
Serial Interface
3-Line / 4-Line (PS[2:0] = "000" or “010”)
When the ST7528 is active (CSB=”L”), serial data (DB7) and serial clock (DB6) inputs are enabled. And not active, the
internal 8-bit shift register and the 3-bit counter are reset. The display data/command indication may be controlled either via
software or the Register Select (A0) Pin, based on the setting of PS1. When the A0 pin is used (PS1 = “H”), data is display
data when A0 is high, and command data when A0 is low. When A0 is not used (PS1 =“L”), the LCD Driver will receive
command from MCU by default. If messages on the data pin are data rather than command, MCU should send Data
Direction command (11101000) to control the data direction and then one more command to define the number of data
bytes will be write. After these two continuous commands are sent, the following messages will be data rather than
command. Serial data can be read on the rising edge of serial clock going into DB6 and processed as 8-bit parallel data on
the eighth serial clock. And the DDRAM column address pointer will be increased by one automatically. The next bytes
after the display data string is handled as command data.
In 3-Line mode, default message from MCU is command, the 2 bytes command of Set Data Direction & Display Data
Length must be set before display data send from MCU, after the display data is sent over, the next message is turned to
be command.
Serial mode
PS0
PS1
PS2
CSB
A0
3-Line SPI mode
L
L
L
CSB
No used
4-Line SPI mode
L
H
L
CSB
Used
IIC SPI mode
L
L
H
CSB
No Used
If A0 is not used it must be fixed either “H” or “L”
4-Line SPI Mode (PS0 = "L", PS1 = "H" , PS2 = "L")
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
/CB
SI
SCL
A0
Figure 1 4-line SPI Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com