Electronic Components Datasheet Search
  English  ▼

X  

ST7528 Datasheet(PDF) 76 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 76 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 97 page
background image
ST7528
Ver2.3
76/97
2007/1/3
(VDD = 2.7V,Ta =-30~85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH6
0
—
Address setup time
tAW6
0
—
System cycle time
A0
tCYC6
400
—
Enable L pulse width (WRITE)
tEWLW
220
—
Enable H pulse width (WRITE)
WR
tEWHW
180
—
Enable L pulse width (READ)
tEWLR
220
—
Enable H pulse width (READ)
RD
tEWHR
180
—
WRITE Data setup time
tDS6
40
—
WRITE Data hold time
tDH6
15
—
READ access time
tACC6
CL = 100 pF
—
140
READ Output disable time
D0 to D7
tOH6
CL = 100 pF
10
100
tF
—
10
tR
—
10
ns
(VDD =1.8V,Ta =-30~85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH6
0
—
Address setup time
tAW6
0
—
System cycle time
A0
tCYC6
640
—
Enable L pulse width (WRITE)
tEWLW
360
—
Enable H pulse width (WRITE)
WR
tEWHW
280
—
Enable L pulse width (READ)
tEWLR
360
—
Enable H pulse width (READ)
RD
tEWHR
280
—
WRITE Data setup time
tDS6
80
—
WRITE Data hold time
tDH6
30
—
READ access time
tACC6
CL = 100 pF
—
240
READ Output disable time
D0 to D7
tOH6
CL = 100 pF
10
200
tF
—
10
tR
—
10
ns
*1 The input signal rise time and fall time (tr, tf) is specified at 15 ns or less. When the system cycle time is extremely fast,
(tr +tf) ≦ (tCYC6 – tEWLW – tEWHW) for (tr + tf) ≦ (tCYC6 – tEWLR – tEWHR) are specified.
*2 All timing is specified using 20% and 80% of VDD as the reference.
*3 tEWLW and tEWLR are specified as the overlap between CSB being “L” and E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com