Electronic Components Datasheet Search
  English  ▼

X  

SE97TP Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 15Page - NXP Semiconductors SE97TP Datasheet HTML 16Page - NXP Semiconductors SE97TP Datasheet HTML 17Page - NXP Semiconductors SE97TP Datasheet HTML 18Page - NXP Semiconductors SE97TP Datasheet HTML 19Page - NXP Semiconductors SE97TP Datasheet HTML 20Page - NXP Semiconductors SE97TP Datasheet HTML 21Page - NXP Semiconductors SE97TP Datasheet HTML 22Page - NXP Semiconductors SE97TP Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
19 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
Table 5 is the summary for normal and memory protection instructions.
[1]
The most significant bit, bit 7, is sent first.
[2]
A0, A1, and A2 are compared against the respective external pins on the SE97.
[3]
VI(ov) ranges from 7.8 V to 10 V.
This special EEPROM command consists of a unique 4-bit fixed address (0110b) and the
voltage level applied on the 3-bit hardware address. Normally, to address the memory
array, the 4-bit fixed address is ‘1010b’. To access the memory protection settings, the
4-bit fixed address is ‘0110b’. Figure 17 and Figure 18 show the write and read protection
sequence, respectively.
Up to eight memory devices can be connected on a single I2C-bus. Each one is given a
3-bit on the hardware selectable address (A2, A1, A0) inputs. The device only responds
when the 4-bit fixed and hardware selectable bits are matched. The 8th bit is the
read/write bit. This bit is set to 1 or 0 for read and write protection, respectively.
The corresponding device acknowledges during the ninth bit time when there is a match
on the 7-bit address.
The device does not acknowledge when there is no match on the 7-bit address or when
the device is already in permanent write protection mode and is programmed with any
write protection instructions (i.e., PWP, RWP, CWP).
Table 5.
EEPROM commands summary
Command
Fixed address
Hardware selectable
address
R/W
Bit 7[1]
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Normal EEPROM read/write
1010A2
A1
A0
R/W
Reversible Write Protection (RWP)
0110VSS
VSS
VI(ov)[3]
0
Clear Reversible Write Protection (CRWP)
0110VSS
VDD
VI(ov)[3]
0
Permanent Write Protection (PWP)[2]
0110A2
A1
A0
0
Read RWP
0110VSS
VSS
VI(ov)[3]
1
Read CRWP
0110VSS
VDD
VI(ov)[3]
1
Read PWP
0110A2
A1
A0
1
X = Don’t Care
(1) Refer to Table 6 regarding the exact state of the acknowledge bit.
Fig 17. Software Write Protect (write)
1
1
0
A2 A1 A0
0
A
S
0
A
slave address (memory)
START condition
R/W acknowledge(1)
from slave
acknowledge(1)
from slave
dummy byte address
SDA
dummy data
A
acknowledge(1)
from slave
002aab356
P
STOP condition
XXXXXXXX
XXXXXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com