Electronic Components Datasheet Search
  English  ▼

X  

SE97TP Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 20Page - NXP Semiconductors SE97TP Datasheet HTML 21Page - NXP Semiconductors SE97TP Datasheet HTML 22Page - NXP Semiconductors SE97TP Datasheet HTML 23Page - NXP Semiconductors SE97TP Datasheet HTML 24Page - NXP Semiconductors SE97TP Datasheet HTML 25Page - NXP Semiconductors SE97TP Datasheet HTML 26Page - NXP Semiconductors SE97TP Datasheet HTML 27Page - NXP Semiconductors SE97TP Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
24 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
8.2 Capability register (00h, 16-bit read-only)
[1]
The SE97 A0 pin can support up to 10 V, but the final die was already taped out before the JC42.4 ballot 1435.00 register change could
be implemented. Bit 5 is changed from ‘0’ to ‘1’ on the future 1.7 V to 3.6 V SE97B.
Table 9.
Capability register (address 00h) bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
RFU
Default
0
000
0000
Access
RRR
RRR
RR
Bit
7
6
5
4
3
2
1
0
Symbol
RFU
VHV
TRES
WRNG
HACC
BCAP
Default
00
0[1]
101
11
Access
RR
RRR
RRR
Table 10.
Capability register (address 00h) bit description
Bit
Symbol
Description
15:6
RFU
Reserved for future use; must be zero.
5
VHV
High voltage standoff for pin A0.
0 — default
1 — This part can support a voltage up to 10 V on the A0 pin to
support JC42.4 ballot 1435.00.
4:3
TRES
Temperature resolution.
10 — 0.125
°C LSB (11-bit)
2
WRNG
Wider range.
1 — can read temperatures below 0
°C and set sign bit accordingly
1
HACC
Higher accuracy (set during manufacture).
1 — B grade accuracy
0
BCAP
Basic capability.
1 — has Alarm and Critical Trips interrupt capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com