Electronic Components Datasheet Search
  English  ▼

X  

SE97TP Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 24Page - NXP Semiconductors SE97TP Datasheet HTML 25Page - NXP Semiconductors SE97TP Datasheet HTML 26Page - NXP Semiconductors SE97TP Datasheet HTML 27Page - NXP Semiconductors SE97TP Datasheet HTML 28Page - NXP Semiconductors SE97TP Datasheet HTML 29Page - NXP Semiconductors SE97TP Datasheet HTML 30Page - NXP Semiconductors SE97TP Datasheet HTML 31Page - NXP Semiconductors SE97TP Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
SE97_7
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 07 — 29 January 2010
28 of 55
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
0
EMD
EVENT Mode.
0 — comparator output mode (default)
1 — interrupt mode
When either of the Critical Trip or Alarm Window lock bits is set, this bit cannot
be altered until unlocked.
Table 12.
Configuration register (address 01h) bit description …continued
Bit
Symbol
Description
Table 13.
Hysteresis enable
Action
Below Alarm Window bit (bit 13)
Above Alarm Window bit (bit 14)
Above Critical Trip bit (bit 15)
Temperature
slope
Threshold
temperature
Temperature
slope
Threshold
temperature
Temperature
slope
Threshold
temperature
sets
falling
Ttrip(l) − Thys
rising
Ttrip(u)
rising
Tth(crit)
clears
rising
Ttrip(l)
falling
Ttrip(u) − Thys
falling
Tth(crit) − Thys
Fig 22. Hysteresis: how it works
002aac799
current temperature
time
temperature
set
clear
clear
set
clear
clear
set
clear
Below Alarm Window
(register 05h;
bit 13 = BAW bit)
Above Alarm Window
(register 05h;
bit 14 = AAW bit)
Above Critical Trip
(register 05h;
bit 15 = ACT bit)
lower alarm
threshold
upper alarm
threshold
critical alarm
threshold
hysteresis
hysteresis
hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com